Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSS1650L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UPSS1650L-S08-R
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSS1650L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UPSS1650L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSS1650L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSS1650L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSS1650L-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSS1650L-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSS1650L-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSS1650L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UPSS1650
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-947.d
OPERATION DESCRIPTION(Cont.)
Iout
Vout
Large
Rcs
Small
Rcs
Figure 3. Adjustable output power by changing Rcs
Figure 4. Secondary current waveform
In CC operation, the CC loop control function of UTC UPSS1650 will keep a fixed proportion between secondary
inductance de-magnetization time (Tdemag) and switching cycle time (Tsw). The fixed proportion is
2
1
=
Tsw
Tdemag
(2)
Thus the output current is given by:
Ipk
×
N
N
×
4
1
=
Tsw
Tdemag
×
Ipk
×
N
N
×
2
1
=
Iout
S
P
S
P
(3)
Programmable Cable Drop Compensation
UTC UPSS1650 has a built-in cable voltage drop compensation to achieve good load regulation. An offset voltage
is generated at INV pin by an internal current flowing into the resistor divider. The current is inversely proportional to
the voltage of COMP pin. As a result, it is inversely proportional to the output load current. The voltage drop across
the cable is compensated by this offset voltage at INV pin. It can also be programmed by adjusting the resistance of
the divider to compensate the drop for various cable lines used.
Current Sensing and Leading Edge Blanking
Cycle-by-cycle current limiting is offered in UTC UPSS1650. The switch current is detected by a sense resistor
into the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 500ns leading-edge
blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer
needed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com