Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US211HAL-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US211HAL-AF5-R
Description  HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US211HAL-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US211HAL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 6Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 7Page - Unisonic Technologies US211HAL-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
US211/A/B/C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-A67.a
APPLICATION INFORMATION(Cont.)
Current Limiting and Short-Circuit Protection
The current limit circuit protects the MOSFET switch and the hub downstream port from damage. This circuit can
deliver load current up to the current limit threshold of typically 0.8A through the switch of US211, 1.5A for US211A,
1.7A for US211B and 2.0A for US211C. When an enabled switch applies a heavy load or short circuit, a
large-desired transient current occurs which can cause the current limit circuit response. If this current becomes
higher than the current limit threshold, the devices enter constant current mode until thermal shutdown occurs or the
fault is removed.
Thermal Shutdown
The thermal shutdown circuit is used to prevent damage occurs when the die temperature becomes higher than
approximately 130°C. After 20°C of hysteresis, the switch will automatically restart if it enabled. When these devices
are disabled or the fault is removed, the output and FLG signal will continue to cycle on and off.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com