Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC6401 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC6401
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC6401 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC6401 Datasheet HTML 1Page - Digitron Semiconductors MAC6401 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC6401 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-stage voltage, gate open
(TJ = -65 to +100°C)
MAC6401B
MAC6401D
MAC6401M
MAC6401N
VDRM
200
400
600
800
Volts
RMS on-state current (conduction angle = 360°, TC ≤ 65°C)
IT(RMS)
30
Amps
Peak non-repetitive surge current (One Cycle, 60Hz)
ITSM
300
Amps
Circuit fusing considerations
(TJ = -65 to +100°C, t = 1.25 to 10ms)
I2t
450
A2s
Peak gate power (pulse width = 1.0µs)
PGM
40
Watts
Average gate power
PG(AV)
0.75
Watts
Peak gate current (pulse width ≤ 1.0µs)
IGM
2
Amps
Operating junction temperature range
TJ
-65 to +100
°C
Storage temperature range
Tstg
-65 to +150
°C
Stud torque
30
In. lb.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to case
RӨJC
0.9
°C/W
ELECTRICAL CHARACTERISTICS
(TC = 25°C unless otherwise noted, either polarity of MT2 to MT1, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak off state current
(VD = VDRM, gate open, TJ = 100°C
IDRM
-
-
4
mA
Peak on-state voltage (either direction)
(ITM = 100A peak)
VTM
-
2.1
2.5
Volts
DC gate trigger current (continuous dc)
(VD = 12V, RL = 30Ω)
MT2(+), G(+); MT2(-), G(-)
MT2(+), G(-); MT2(-), G(+)
IGT
-
-
20
35
50
80
mA
DC gate trigger voltage (continuous dc), all trigger modes
(VD = 12V, RL = 30Ω)
(VD = Rated VDRM, RL = 125Ω, TC = 100°C)
VGT
-
0.2
1.35
-
2.5
-
Volts
Holding current
(VD = 12V, gate open, IT = 150mA)
IH
-
-
60
mA
Gate controlled turn on time
(VD = Rated VDRM, ITM = 45A, IGT = 200mA, rise time = 0.1µs)
tgt
-
1.7
3
µs
Critical rate of rise of commutating voltage
(commutating di/dt = 16A/ms, gate unenergized, VD = Rated VDRM, IT(RMS) = 30A,
TC = rated value from figure 1)
dv/dt(c)
3
20
-
V/µs
Critical rate of rise of off-state voltage
(VD = Rated VDRM, gate open, exponential waveform, TC = 100°C)
MAC6401B
MAC6401D
MAC6401M
dv/dt
40
25
20
-
-
V/µs
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205


Similar Part No. - MAC6401

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC6400 DIGITRON-MAC6400 Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400B DIGITRON-MAC6400B Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400D DIGITRON-MAC6400D Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400M DIGITRON-MAC6400M Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400N DIGITRON-MAC6400N Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - MAC6401

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T6411 DIGITRON-T6411 Datasheet
268Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T6401 DIGITRON-T6401 Datasheet
269Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T4120 DIGITRON-T4120 Datasheet
142Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2801 DIGITRON-T2801 Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2800 DIGITRON-T2800 Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC149 DIGITRON-SC149 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC136 DIGITRON-SC136 Datasheet
147Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400 DIGITRON-MAC6400 Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com