Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC224 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC224
Description  SILICON BIDIRECTIONAL TRIODE THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC224 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC224 Datasheet HTML 1Page - Digitron Semiconductors MAC224 Datasheet HTML 2Page - Digitron Semiconductors MAC224 Datasheet HTML 3Page - Digitron Semiconductors MAC224 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC224(A) SERIES
SILICON BIDIRECTIONAL TRIODE THYRISTORS
40 AMPERES RMS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (T
J = 25°C unless otherwise noted)
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Off-State Voltage(1)
(TJ = -40 to 125°C, ½ Sine Wave 50 to 60 Hz, Gate Open)
MAC224-4, MAC224A4
MAC224-5, MAC224A5
MAC224-6, MAC224A6
MAC224-7, MAC224A7
MAC224-8, MAC224A8
MAC224-9, MAC224A9
MAC224-10, MAC224A10
VDRM
200
300
400
500
600
700
800
Volts
On-State RMS Current (TC = 75°C)(2) (Full Cycle Sine Wave 50 to 60Hz)
IT(RMS)
40
Amps
Peak Non-repetitive surge Current (One Full Cycle, 60Hz, TJ = 125°C)
ITSM
350
Amps
Circuit Fusing (t = 8.3ms)
I2t
500
A2s
Peak Gate Current (t ≤ 2 μs)
IGM
±2
Amps
Peak Gate Voltage (t ≤ 2 μs)
VGM
±10
Volts
Peak Gate Power (t ≤ 2 μs)
PGM
20
Watts
Average Gate Power (TC = 75°C, t ≤ 8.3ms)
PG(AV)
0.5
Watts
Operating Junction Temperature Range
TJ
-40 to 125
°C
Storage Temperature Range
Tstg
-40 to 150
°C
Mounting Torque
⎯
8
in. lb.
1.
VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
2.
This device is rated for use in applications subject to high surge conditions. Care must be taken to ensure proper heat sinking when the device is to be used at high sustained currents. (See
figure 1 for maximum case temperatures.)
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1
°C/W
Thermal Resistance, Junction to Ambient
RθJA
60
°C/W
ELECTRICAL CHARACTERISTICS (T
C = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted
)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current (Rated VDRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM
-
-
-
-
10
2
μA
mA
Peak On-State Voltage
(ITM = 56 A Peak, Pulse Width ≤ 2ms, Duty Cycle ≤ 2%)
VTM
-
1.4
1.85
Volts
Gate Trigger Current (Continuous dc)
(VD = 12V, RL = 100 Ω)
MT2 (+), G(+); MT2(-), G(-); MT2(+), G(-)
MT2(-), G(+) “A” SUFFIX ONLY
IGT
-
-
25
40
50
75
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12V, RL = 100 Ω)
MT2 (+), G(+); MT2(-), G(-); MT2(+), G(-)
MT2(-), G(+) “A” SUFFIX ONLY
VGT
-
-
1.1
1.3
2
2.5
Volts
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130130


Similar Part No. - MAC224

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC224 MOTOROLA-MAC224 Datasheet
56Kb / 4P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
Motorola, Inc
MAC224-10 MOTOROLA-MAC224-10 Datasheet
56Kb / 4P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224-10 NJSEMI-MAC224-10 Datasheet
114Kb / 3P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
Motorola, Inc
MAC224-4 MOTOROLA-MAC224-4 Datasheet
56Kb / 4P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
More results

Similar Description - MAC224

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC20A MOTOROLA-MAC20A Datasheet
386Kb / 3P
Silicon Bidirectional Triode Thyristors
2N6157 MOTOROLA-2N6157 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC223FP MOTOROLA-MAC223FP Datasheet
65Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
SEMTECH ELECTRONICS LTD...
MAC97 SEMTECH_ELEC-MAC97 Datasheet
178Kb / 2P
Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
STN1A60 TGS-STN1A60 Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
2N6342 DIGITRON-2N6342 Datasheet
249Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
Triacs Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
MAC97A TGS-MAC97A Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
MAC228FP MOTOROLA-MAC228FP Datasheet
95Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC229AFP MOTOROLA-MAC229AFP Datasheet
94Kb / 4P
Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com