Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC15 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MAC15
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC15 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MAC15 Datasheet HTML 1Page - Digitron Semiconductors MAC15 Datasheet HTML 2Page - Digitron Semiconductors MAC15 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC15(A) SERIES
SILICON BIDIRECTIONAL THYRISTORS
Characteristic
Symbol
Min
Typ.
Max
Unit
Holding current (either direction)
(VD = 12V, gate open, IT = 200mA)
IH
-
6
40
mA
Turn on time
(VD = rated VDRM, ITM = 17A, IGT = 120mA, rise time = 0.1µs, pulse width = 2µs)
tgt
-
1.5
-
µs
Critical rate of rise of commutation voltage
(VD = Rated VDRM, ITM = 21A, commutating di/dt = 7.6A/ms, gate unenergized,
TC = 80°C)
dv/dt(c)
-
5
-
V/µs
MECHANICAL CHARACTERISTIC
Case
TO-220AB
Marking
Body painted, alpha-numeric
Pin out
See below
TO-220AB
Inches
Millimeters
Min
Max
Min
Max
A
0.575
0.620
14.600
15.750
B
0.380
0.405
9.650
10.290
C
0.160
0.190
4.060
4.820
D
0.025
0.035
0.640
0.890
F
0.142
0.147
3.610
3.730
G
0.095
0.105
2.410
2.670
H
0.110
0.155
2.790
3.930
J
0.014
0.022
0.360
0.560
K
0.500
0.562
12.700
14.270
L
0.045
0.055
1.140
1.390
N
0.190
0.210
4.830
5.330
Q
0.100
0.120
2.540
3.040
R
0.080
0.110
2.040
2.790
S
0.045
0.055
1.140
1.390
T
0.235
0.255
5.970
6.480
U
-
0.050
-
1.270
V
0.045
-
1.140
-
Z
-
0.080
-
2.030
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com