Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC2502 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # KBPC2502
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

KBPC2502 Datasheet(HTML) 1 Page - Digitron Semiconductors

  KBPC2502 Datasheet HTML 1Page - Digitron Semiconductors KBPC2502 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
KBPC25005 SERIES
SINGLE PHASE BRIDGE RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (@ 25°C ambient temperature unless otherwise noted)
Rating
Symbol
KBPC
25005
KBPC
2501
KBPC
2502
KBPC
2504
KBPC
2506
KBPC
2508
KBPC
2510
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum average forward output rectified
current at
TA = 55°C
IF(AV)
25
Amps
Peak forward surge current single half-sine
wave superimposed on rated load
IFSM
300
Amps
Operating temperature range
TC
-55 to +125
°C
Storage temperature range
Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise noted)
Characteristic
Symbol
KBPC
25005
KBPC
2501
KBPC
2502
KBPC
2504
KBPC
2506
KBPC
2508
KBPC
2510
Units
Maximum forward voltage drop per element
@ 12.5 peak
VF
1.2
Volts
Maximum reverse current at rated DC
blocking voltage per element TA = 25°C
IR
1.0
µA
MECHANICAL CHARACTERISTICS
Case
Digi R
Marking
Body painted, alpha-numeric
Pin out
See below
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128
Digi R
Inches
Millimeters
Min
Max
Min
Max
A
1.120
1.130
28.400
28.700
B
0.618
0.685
15.700
16.700
C
0.530
0.570
13.400
14.500
D
0.688
0.728
17.400
18.500
F
0.200
0.210
5.100
5.300
G
0.618
0.658
15.700
16.700
H
0.280
0.310
7.110
7.870
J
0.028
0.032
0.710
0.810
K
0.826
0.905
21.000
23.000
L
0.248
0.252
6.300
6.400
M
0.090
0.100
2.300
2.500


Similar Part No. - KBPC2502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2502 WTE-KBPC2502 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC2502 SEMTECH-KBPC2502 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC2502 SSE-KBPC2502 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC2502 CHENYI-KBPC2502 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC2502 FUJI-KBPC2502 Datasheet
680Kb / 1P
25 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC2502

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com