Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4053L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 4053L-S16-R
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  4053L-S16-R Datasheet HTML 1Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 2Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 3Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 4Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 5Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 6Page - Unisonic Technologies 4053L-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4053
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-036.D
TEST CIRCUIT
VDD
VEE
VEE
VDD
VDD
VDD
OUT/IN
OUT/IN
IN/OUT
CONTROL
IN/OUT
LEVEL
CONVERTED
CONTROL
Switch Circuit Schematic
TRUTH TABLE
Control Inputs
ON Switches
INHIBIT
Select
C
B
A
UTC 4053
0
0
0
0
0
0
0
0
0
1
0
1
0
0
1
1
Z0
Y0
X0
Z0
Y0
X1
Z0
Y1
X0
Z0
Y1
X1
0
0
0
0
1
0
0
1
0
1
1
1
0
1
1
1
Z1
Y0
X0
Z1
Y0
X1
Z1
Y1
X0
Z1
Y1
X1
1
x
x
x
None
x = Don’t Care
UTC 4053 Functional Diagram
VEE
VDD
16
VSS
8
7
9
B 10
C
A 11
6
INH
LEVEL
CONVERTER
BINARY TO 1 - OF - 2
DECODER WITH
INHIBIT
X0 12
X1 13
Y0 2
Y1 1
Z0 5
Z1 3
14 X
15 Y
4 Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com