Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4053G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4053G-S16-R
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4053G-S16-R Datasheet HTML 1Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 2Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 3Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 4Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 5Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 6Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4053
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., LTD
QW-R502-036.D
TRIPLE 2-CHANNEL ANALOG
MULTIPLEXERS/DEMULTIPLEXERS
DESCRIPTION
UTC 4053 is triple 2-channel analog multiplexers/demultiplexers
for application as digitally–controlled analog switches.
The device has three separate digital control inputs and an inhibit
input. It feature low ON impedance and very low OFF leakage
current. Control of analog signals up to the complete supply voltage
range can be achieved.
FEATURES
* Wide Analog Voltage Range: VDD-VEE = 3V~18V.
(Note: VEE must be≦VSS)
* Break-Before-Make Switching Eliminates Channel Overlap.
* Linearized Transfer Characteristics
* Implement an SPDT Switch Effectively.
* Pin to Pin Replacement for CD4053
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
4053L-D16-T
4053G-D16-T
DIP-16
Tube
4053L-P16-R
4053G-P16-R
TSSOP-16
Tape Reel
4053L-P16-T
4053G-P16-T
TSSOP-16
Tube
4053L-S16-R
4053G-S16-R
SOP-16
Tape Reel
4053L-S16-T
4053G-S16-T
SOP-16
Tube


Similar Part No. - 4053G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053G-S16-R UTC-4053G-S16-R Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053G-S16-R UTC-4053G-S16-R Datasheet
215Kb / 6P
Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - 4053G-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A Datasheet
558Kb / 20P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A_07 Datasheet
820Kb / 22P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4053A TI1-SN54LV4053A_15 Datasheet
1Mb / 27P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com