Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C5L-R16-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # CCVGA7C5L-R16-T
Description  VGA PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C5L-R16-T Datasheet(HTML) 6 Page - Unisonic Technologies

  CCVGA7C5L-R16-T Datasheet HTML 1Page - Unisonic Technologies CCVGA7C5L-R16-T Datasheet HTML 2Page - Unisonic Technologies CCVGA7C5L-R16-T Datasheet HTML 3Page - Unisonic Technologies CCVGA7C5L-R16-T Datasheet HTML 4Page - Unisonic Technologies CCVGA7C5L-R16-T Datasheet HTML 5Page - Unisonic Technologies CCVGA7C5L-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CCVGA7C5
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R223-021.a
TYPICAL APPLICATION CIRCUIT
HSYNC
VSYNC
DDC_DATA
DDC_CLK
UTC
CCVGA7C5
VRGB
VCC
VAUX
GNDA
GNDD
HSYNC_OUT
VSYNC_OUT
R
G
B
4
9, 16
13
2
14
10
12
7
6
5
8
3, 11
Digital
GND
Analog
GND
1
15
H-Sync
V-Sync
DDC_Data
DDC_Clk
Red
Green
Blue
H-Sync
V-Sync
DDC_Data
DDC_Clk
Red
Green
Blue
VF**
VF**
VF**
To Video
DAC VDD
5V
3.3V
0.2µF 0.2µF
VF** − VIDEO EMI Filter
SF** − SYNC EMI Filter
SF**
SF**
GNDA, the negative voltage rail for the R, G and B diodes is not connected internally to GNDD. GNDA should
ideally be connected to the ground of the video DAC IC. This will prevent any ground bounce caused by digital
signals from injecting noise onto the R, G and B signals. Analog GND and digital GND are typically connected on the
printed circuit board.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com