Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C5L-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # CCVGA7C5L-R16-R
Description  VGA PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C5L-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  CCVGA7C5L-R16-R Datasheet HTML 1Page - Unisonic Technologies CCVGA7C5L-R16-R Datasheet HTML 2Page - Unisonic Technologies CCVGA7C5L-R16-R Datasheet HTML 3Page - Unisonic Technologies CCVGA7C5L-R16-R Datasheet HTML 4Page - Unisonic Technologies CCVGA7C5L-R16-R Datasheet HTML 5Page - Unisonic Technologies CCVGA7C5L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CCVGA7C5
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R223-021.a
ELECTRICAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Diode Forward Voltage
VF
IF=10mA
1.0
V
Logic High Output Voltage
VOH
IOH=-4mA, VCC=4.5V
4.0
V
Logic Low Output Voltage
VOL
IOL=4mA, VCC=4.5V
0.4
V
Input
Current
R, G and B Pins
IIN
VRGB=3.63V, VIN=VRGB or GND
±1
μA
HSYNC, VSYNC
Pins
VAUX=3.63V, VIN=VAUX
±1
μA
HSYNC, VSYNC
Pins
VAUX=3.63V, VIN=GND
-30.0
-72.5
-95.0
μA
VCC upply Current
ICC
VCC=5.5V, VAUX=VRGB=2.97V, All Inputs
and Outputs Floating
35
100
μA
VRGB supply Current
IRGB
R, G and B Pins at VCC r GND, All
Inputs and Outputs Floating
10
μA
Input
Capacitance
R, G and B pins
CIN
Note 2 Applies for All Cases
5
pF
HSYNC,
VSYNC pins
10
pF
DDC_DATA,
DDC_CLK pins
5
pF
Pull−up Resistance
DDC_DATA, DDC_CLK pins
RPU
1.52
1.80
1.98
kΩ
ESD Withstand Voltage
VESD
VCC=5 V, VRGB=3.3V, VAUX=3.3 V
±8
kV
SYNC Buffer L≥H Propagation
Delay
tPLH
CL=50pF, VCC=5.0V, RL=500Ω (Note 3)
7.0
15.0
ns
SYNC Buffer H≥L Propagation
Delay
tPHL
CL=50pF, VCC=5.0V, RL=500Ω (Note 3)
7.0
15.0
ns
SYNC Buffer Output Rise &
Fall Times
tR, tF
CL=50pF, VCC=5.0V, RL=500Ω (Note 3)
7.0
ns
Notes: 1. All parameters specified over standard operating conditions unless otherwise noted.
2. Measured at 1MHz. R/G/B inputs biased at 1.65V with VRGB=3.3V. DDC_CLK and DDC_DATA biased at
2.5V with VCC=5V. HSYNC and VSYNC inputs biased at VAUX or GND with VAUX=3.3V and VCC=5V.
3. Applicable to the SYNC buffers only. Input signals swing between 0V and 3.0V, with rise and fall times ≤5
ns. Guaranteed by correlation to buffer output drive currents.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com