Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6172QML-SP Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172QML-SP
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172QML-SP Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM6172QML-SP Datasheet HTML 17Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 18Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 19Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 20Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 21Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 22Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 23Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 24Page - National Semiconductor (TI) LM6172QML-SP Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Aug-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM6172AMGWRLQV
ACTIVE
CFP
NAC
16
42
TBD
Call TI
Call TI
-55 to 125
LM6172AMGW
RLQMLV Q
5962R95604
03VXA ACO
03VXA >T
LM6172AMJ-QML
NRND
CDIP
NAB
8
40
TBD
Call TI
Call TI
-55 to 125
LM6172AMJQML
5962-95604
01QPA Q ACO
01QPA Q >T
LM6172AMJFQML
NRND
CDIP
NAB
8
40
TBD
Call TI
Call TI
-55 to 125
LM6172AMJFQL
5962F95604
01QPA Q ACO
01QPA Q >T
LM6172AMJFQMLV
ACTIVE
CDIP
NAB
8
40
TBD
Call TI
Call TI
-55 to 125
LM6172AMJFQV
5962F95604
01VPA Q ACO
01VPA Q >T
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com