Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ILP Datasheet(PDF) 1 Page - Motorola, Inc

Part # TL431ILP
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431ILP Datasheet(HTML) 1 Page - Motorola, Inc

  TL431ILP Datasheet HTML 1Page - Motorola, Inc TL431ILP Datasheet HTML 2Page - Motorola, Inc TL431ILP Datasheet HTML 3Page - Motorola, Inc TL431ILP Datasheet HTML 4Page - Motorola, Inc TL431ILP Datasheet HTML 5Page - Motorola, Inc TL431ILP Datasheet HTML 6Page - Motorola, Inc TL431ILP Datasheet HTML 7Page - Motorola, Inc TL431ILP Datasheet HTML 8Page - Motorola, Inc TL431ILP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TL431, A, B
Series
PROGRAMMABLE
PRECISION REFERENCES
Order this document by TL431/D
(Top View)
3
1
Reference
N/C
N/C
N/C
2
4
8
7
6
5 N/C
Anode
N/C
Cathode
Anode
Anode
LP SUFFIX
PLASTIC PACKAGE
CASE 29
(TO–92)
P SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SOP–8)
Pin 1. Reference
2. Anode
3. Cathode
(Top View)
3
1
Reference
N/C
2
4
8
7
6
5
N/C
Cathode
SOP–8 is an internally modified SO–8 package. Pins 2,
3, 6 and 7 are electrically common to the die attach flag.
This internal lead frame modification decreases power
dissipation capability when appropriately mounted on a
printed circuit board. SOP–8 conforms to all external
dimensions of the standard SO–8 package.
DM SUFFIX
PLASTIC PACKAGE
CASE 846A
(Micro–8)
8
1
8
1
8
1
SEMICONDUCTOR
TECHNICAL DATA
1
2
3
1
MOTOROLA ANALOG IC DEVICE DATA
Programmable
Precision References
The TL431, A, B integrated circuits are three–terminal programmable
shunt regulator diodes. These monolithic IC voltage references operate as a
low temperature coefficient zener which is programmable from Vref to 36 V
with two external resistors. These devices exhibit a wide operating current
range of 1.0 mA to 100 mA with a typical dynamic impedance of 0.22
Ω. The
characteristics of these references make them excellent replacements for
zener diodes in many applications such as digital voltmeters, power
supplies, and op amp circuitry. The 2.5 V reference makes it convenient to
obtain a stable reference from 5.0 V logic supplies, and since the TL431, A,
B operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.
• Programmable Output Voltage to 36 V
• Voltage Reference Tolerance: ±0.4%, Typ @ 25°C (TL431B)
• Low Dynamic Output Impedance, 0.22 Ω Typical
• Sink Current Capability of 1.0 mA to 100 mA
• Equivalent Full–Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating
Temperature Range
• Low Output Noise Voltage
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
TL431CLP, ACLP, BCLP
T0
°
70
°C
TO–92
TL431CP, ACP, BCP
TA =0° to +70°C
Plastic
TL431CDM, ACDM, BCDM
TA = 0° to +70°C
Micro–8
TL431CD, ACD, BCD
SOP–8
TL431ILP, AILP, BILP
T40
°
85
°C
TO–92
TL431IP, AIP, BIP
TA = –40° to +85°C
Plastic
TL431IDM, AIDM, BIDM
TA = –40° to +85°C
Micro–8
TL431ID, AID, BID
SOP–8
© Motorola, Inc. 1998
Rev 6


Similar Part No. - TL431ILP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431ILP ONSEMI-TL431ILP Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
NXP Semiconductors
TL431ILP PHILIPS-TL431ILP Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431ILP TI-TL431ILP Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
TL431ILP MICROSEMI-TL431ILP Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
Texas Instruments
TL431ILP TI-TL431ILP Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431ILP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com