Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2970G-S18-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # F2970G-S18-R
Description  FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2970G-S18-R Datasheet(HTML) 2 Page - Unisonic Technologies

  F2970G-S18-R Datasheet HTML 1Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 2Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 3Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 4Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 5Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F2970
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R109-035.a
PIN CONFIGURATION
OUT2
VM
VCC
WH
WL
VTH
RMI
P-IN
CPWM
P-GND
OUT1
S-GND
6VREG
CT
IN-
HB
IN+
FG
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
UTC
F2970
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
OUT2
Output2
2
VM
Sense pin of current limiter
3
VCC
Power supply
4
WH
OSC input
5
WL
OSC output
6
VTH
Variable speed function input
7
RMI
Lowest speed setting voltage
8
P-IN
Dricte PWM speed control pin
9
CPWM
PWM oscillator frenquency setting capacitor
10
FG
Speed detection output
11
IN+
The hall sensor input
12
HB
Power the hall sensor 1.25V
13
IN-
The hall sensor input
14
CT
Setting lock protection time
15
6VREG
VREF 6V
16
S-GND
Control system GND
17
OUT1
Output1
18
P-GND
Motor system GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com