Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM833L-S08-R
Description  DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM833L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM833L-S08-R Datasheet HTML 1Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 2Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 3Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 4Page - Unisonic Technologies LM833L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM833
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A09.a
DUAL OPERATIONAL AND
LOW VOLTAGE NOISE
AMPLIFIER
DESCRIPTION
The UTC LM833 is integrated circuit amplifiers which combine
dual operational and low voltage noise (4.5nV/ Hz ). It is
particularly suited to audio applications.
It offers excellent phase/gain margins and a very low distortion
(0.002%).
In addition, the UTC LM833 has high frequency performances
(15 MHz gain bandwidth product, 7V/μs slew rate).
FEATURES
* High slew rate: 7V/μs
* High gain bandwidth product: 15MHz
* Excellent frequency stability
* Low distortion: 0.002%
* Low voltage noise: 4.5nV/√Hz
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LM833L-S08-T
LM833G-S08-T
SOP-8
Tube
LM833L-S08-R
LM833G-S08-R
SOP-8
Tape Reel
LM833L-S08-R
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) S08: SOP-8
(3) L:Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - LM833L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM833L-S08-R UTC-LM833L-S08-R Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
More results

Similar Description - LM833L-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
logo
Unisonic Technologies
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com