Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4131 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4131
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4131 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4131 Datasheet HTML 17Page - National Semiconductor (TI) THS4131 Datasheet HTML 18Page - National Semiconductor (TI) THS4131 Datasheet HTML 19Page - National Semiconductor (TI) THS4131 Datasheet HTML 20Page - National Semiconductor (TI) THS4131 Datasheet HTML 21Page - National Semiconductor (TI) THS4131 Datasheet HTML 22Page - National Semiconductor (TI) THS4131 Datasheet HTML 23Page - National Semiconductor (TI) THS4131 Datasheet HTML 24Page - National Semiconductor (TI) THS4131 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VCC
PD
VCC−
To Internal Bias
Circuitry Control
50 k
Ω
200
1200
2200
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VCC = ±5 V
G = 1
Rf = 1 kΩ
PD = VCC−
THS4130
THS4131
www.ti.com
SLOS318H
– MAY 2000 – REVISED MAY 2011
POWER-DOWN MODE
The power-down mode is used when power saving is required. The power-down terminal (PD) found on the
THS413x is an active low terminal. If it is left as a no-connect terminal, the device always stays on due to an
internal 50 k
Ω resistor to VCC. The threshold voltage for this terminal is approximately 1.4 V above VCC–. This
means that if the PD terminal is 1.4 V above VCC–, the device is active. If the PD terminal is less than 1.4 V
above VCC–, the device is off. For example, if VCC– = –5 V, then the device is on when PD reaches –3.6 V, (–5 V
+ 1.4 V =
–3.6 V). By the same calculation, the device is off below –3.6 V. It is recommended to pull the terminal
to VCC– in order to turn the device off. Figure 41 shows the simplified version of the power-down circuit. While in
the power-down state, the amplifier goes into a high-impedance state. The amplifier output impedance is typically
greater than 1 M
Ω in the power-down state.
Figure 41. Simplified Power-Down Circuit
Due to the similarity of the standard inverting amplifier configuration, the output impedance appears to be very
low while in the power-down state. This is because the feedback resistor (Rf) and the gain resistor (R(g)) are still
connected to the circuit. Therefore, a current path is allowed between the input of the amplifier and the output of
the amplifier. An example of the closed loop output impedance is shown in Figure 42.
Figure 42. Output Impedance (In Power-Down) vs Frequency
Copyright
© 2000–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com