Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331L-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LMV331L-AE5-R
Description  SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV331L-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LMV331L-AE5-R Datasheet HTML 1Page - Unisonic Technologies LMV331L-AE5-R Datasheet HTML 2Page - Unisonic Technologies LMV331L-AE5-R Datasheet HTML 3Page - Unisonic Technologies LMV331L-AE5-R Datasheet HTML 4Page - Unisonic Technologies LMV331L-AE5-R Datasheet HTML 5Page - Unisonic Technologies LMV331L-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LMV331
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R104-006.a
5V DC ELECTRICAL CHARACTERISTICS
(All limits guaranteed for TJ=25˚C, V+=5V, V−=0V, Unless otherwise specified. Boldface limits apply at the
temperature extremes.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
(Note 3)
UNIT
Input Offset Voltage
VOS
1.7
7
mV
Input Offset Voltage Average Drift
TCVOS
5
µV/˚C
Input Bias Current
IB
25
250
nA
Input Offset Current
IOS
2
50
nA
Input Voltage Range
VCM
-0.1
V
4.2
V
Voltage Gain
AV
20
50
V/mV
Saturation Voltage
VSAT
Isink≤4mA
200
400
mV
Output Sink Current
IO
VO≤1.5V
10
84
mA
Supply Current
IS
60
120
µA
Output Leakage Current
0.003
1
µA
5V AC ELECTRICAL CHARACTERISTICS (TJ=25˚C, V+=5V, RL=5.1kΩ, V−=0V.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNIT
Propagation Delay (High to Low)
tPHL
Input Overdrive=10mV
600
ns
Input Overdrive=100mV
200
ns
Propagation Delay (Low to High)
tPLH
Input Overdrive=10mV
450
ns
Input Overdrive=100mV
300
ns
Notes: 1. The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power
dissipation at any ambient temperature is PD=(TJ(max)-TA)/θJA. All numbers apply for packages soldered
directly into a PC board.
2. Typical Values represent the most likely parametric norm.
3. All limits are guaranteed by testing or statistical analysis.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com