Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV324L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV324L-P14-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV324L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LV324L-P14-R Datasheet HTML 1Page - Unisonic Technologies LV324L-P14-R Datasheet HTML 2Page - Unisonic Technologies LV324L-P14-R Datasheet HTML 3Page - Unisonic Technologies LV324L-P14-R Datasheet HTML 4Page - Unisonic Technologies LV324L-P14-R Datasheet HTML 5Page - Unisonic Technologies LV324L-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LV324
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A08.a
GENERAL PURPOSE, LOW
VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LV324 is a quad op amp with low supply current and
low voltage (2.7~5.5V). It brings nice performance to low voltage and
low power systems. With a 1MHz unity-gain frequency. The UTC
LV324
has a guaranteed 1V//μs slew rate and low supply current. It
provides heavy rail-to-rail (R-to-R) output swing loads and the input
common-mode voltage range including ground. Besides, it is also
capable for comfortably driving large capacitive loads.
The UTC LV324 has bipolar input and CMOS output for
improved noise performance and higher output current drive. It’s the
most cost effective solution for the applications where low voltage
operation, space saving and low price are required.
FEATURES
* 4-Channels Op amps
* Rail-to-Rail Output Swing
* Widely Input Common-Mode Voltage Range
* Low Voltage Operation
* Low Supply Current: Typ.=410μA @ V
+ =5V, V-=0V
* Perfect AC characteristics:
GBW: Typ.=1MHz
SR: Typ.=1V/μs
φm: Typ.=60Deg
Gm: Typ.=10dB.
RDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LV324L-S14-T
LV324G-S14-T
SOP-14
Tube
LV324L-S14-R
LV324G-S14-R
SOP-14
Tape Reel
LV324L-P14-T
LV324G-P14-T
TSSOP-14
Tube
LV324L-P14-R
LV324G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - LV324L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV324G-P14-R UTC-LV324G-P14-R Datasheet
192Kb / 6P
OUTPUT OPERATIONAL AMPLIFIERS
LV324G-S14-R UTC-LV324G-S14-R Datasheet
192Kb / 6P
OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324_15 Datasheet
192Kb / 6P
OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LV324L-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
L6132 UTC-L6132 Datasheet
390Kb / 11P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com