Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV324G-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LV324G-S14-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV324G-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LV324G-S14-R Datasheet HTML 1Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 2Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 3Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 4Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 5Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV324
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A08.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
OUT A
Output of channel A
2
IN A
-
Inverting Input of Channel A
3
IN A
+
Non-Inverting Input of Channel A
4
V
+
Positive of Supply Voltage
5
IN B
+
Non-Inverting Input of Channel B
6
IN B
-
Inverting Input of Channel B
7
OUT B
Output of channel B
8
OUT C
Output of channel C
9
IN C
-
Inverting Input of Channel C
10
IN C
+
Non-Inverting Input of Channel C
11
V
-
Negative of Supply Voltage
12
IN D
+
Non-Inverting Input of Channel D
13
IN D
-
Inverting Input of Channel D
14
OUT D
Output of channel D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com