Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7530PWPR Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS7530PWPR Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS7530PWPR Datasheet HTML 9Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 10Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 11Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 12Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 13Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 14Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 15Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 16Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
THS7530
www.ti.com
SLOS405C – DECEMBER 2002 – REVISED FEBRUARY 2010
SPICE MODEL
* [Disclaimer] (C) Copyright Texas Instruments Incorporated 1999-2002 All rights reserved
* Texas Instruments Incorporated hereby grants the user of this SPICE Macro-model a
* non-exclusive, nontransferable license to use this SPICE Macro-model under the following
* terms. Before using this SPICE Macro-model, the user should read this license. If the
* user does not accept these terms, the SPICE Macro-model should be returned to Texas
* Instruments within 30 days. The user is granted this license only to use the SPICE
* Macro-model and is not granted rights to sell, load, rent, lease or license the SPICE
* Macro-model in whole or in part, or in modified form to anyone other than user. User may
* modify the SPICE Macro-model to suit its specific applications but rights to derivative
* works and such modifications shall belong to Texas Instruments. This SPICE Macro-model is
* provided on an ”AS IS” basis and Texas Instruments makes absolutely no warranty with
* respect to the information contained herein. TEXAS INSTRUMENTS DISCLAIMS AND CUSTOMER
* WAIVES ALL WARRANTIES, EXPRESS OR IMPLIED, INCLUDING WARRANTIES OF MERCHANTABILITY
* OR FITNESS FOR A PARTICULAR PURPOSE. The entire risk as to quality and performance is with
* the Customer. ACCORDINGLY, IN NO EVENT SHALL THE COMPANY BE LIABLE FOR ANY DAMAGES,
* WHETHER IN CONTRACT OR TORT,INCLUDING ANY LOST PROFITS OR OTHER INCIDENTAL, CONSEQUENTIAL,
* EXEMPLARY, OR PUNITIVE DAMAGES ARISING OUT OF THE USE OR APPLICATION OF THE SPICE
* Macro-model provided in this package. Further, Texas Instruments reserves the right to
* discontinue or make changes without notice to any product herein to improve reliability,
* function, or design. Texas Instruments does not convey any license under patent rights or
* any other intellectual property rights, including those of third parties.
*
* THS7530 SUBCIRCUIT
* HIGH SPEED FULLY DIFFERENTIAL VARIABLE AMPLIFIER
* WRITTEN 11/26/02
* VG- is tied to VS- and output clamping is not modeled
* CONNECTIONS: IN+
* | IN-
* | | VS+
* | | | VS-
* | | | | OUT-
* | | | | | OUT+
* | | | | | | VOCM
* | | | | | | | VG+
* | | | | | | | |
.SUBCKT THS7530 1 2 3 4 5 6 7 8
*
*INPUT*
Q1 122 1 101 NPN_IN 16
Q2 123 2 102 NPN_IN 16
R1 102 101 25
I1 101 4 DC 4.85e-3
I2 102 4 DC 4.85e-3
*QUAD*
Q3 132 120 122 NPN 16
Q4 121 119 122 NPN 16
Q5 132 119 123 NPN 16
Q6 121 120 123 NPN 16
R2 132 3 250
R3 121 3 250
*CURRENT AMP*
F1 128 129 VF1 6
VF1 132 121 0V
*Z NODE*
R4 128 129 2k
I3 129 4 DC 0.75e-3
I4 128 4 DC 0.75e-3
V9 128 328 0.7
V10 129 329 0.7
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com