Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54134L-S16N-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M54134L-S16N-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54134L-S16N-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M54134L-S16N-R Datasheet HTML 1Page - Unisonic Technologies M54134L-S16N-R Datasheet HTML 2Page - Unisonic Technologies M54134L-S16N-R Datasheet HTML 3Page - Unisonic Technologies M54134L-S16N-R Datasheet HTML 4Page - Unisonic Technologies M54134L-S16N-R Datasheet HTML 5Page - Unisonic Technologies M54134L-S16N-R Datasheet HTML 6Page - Unisonic Technologies M54134L-S16N-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M54134
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R122-011. a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
1-ms Circuit
TRC2 Threshold Voltage
VTH2
2.4
V
Accuracy of TRC2-pin “H” Output Current
EIOH2
VO=0V, IOH2=-7.6μA
-10
+10
%
Accuracy of TW2 Pulse Width
ETW2
C=0.0047μF, TW2=1.5ms -15
+15
%
Ambient Temperature Dependence of VT
TA=+25°C~+85°C
-8.0
%
TA=+25°C~-20°C
+2.0
%
Ambient Temperature Dependence of Tw2
TA=-20~+85°C
0
%/°C
Total AC Input Voltage of Leakage Detection
VT
60Hz
11.5
mVrms
Reset Circuit
OFFC Threshold Voltage
VTH
2.4
V
Accuracy of OFFC-pin “H” Output Current
EIOH
VO=0V, IOH=-7.6μA
-10
+10
%
Accuracy of Reset Time Pulse Width
ETW3
C=0.33μF, TW3=75ms
-30
+30
%
Delay Circuit
DLYC Threshold Voltage
VTH
2.4
V
Accuracy of DLYC-pin “H” Output Current
EIOH
VO=0V, IOH=-7.6μA
-10
+10
%
Accuracy of Delay Timer Pulse Width
ETW4
C=1.0μF, TW4=300ms
-30
+30
%
SCR Driver Circuit
SCRT-Pin “L” Output Voltage
VOL8
IOL=200μA
0.1
0.2
V
Supply Voltage for IOH Hold
VS(OFF)
3.0
4.0
V
SCRT-Pin “H” Output Current
IOHC
VO=8V
TA=-20°C
-100 -160
μA
IOHN
TA=+20°C
-50 -130
μA
IOHH
TA=+85°C
-33 -100
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com