Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6203L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA6203L-SH2-R
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6203L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA6203L-SH2-R Datasheet HTML 1Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 2Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 3Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 4Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 5Page - Unisonic Technologies PA6203L-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA6203
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A16.a
1.25-W MONO FULLY
DIFFERENTIAL AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC PA6203 is a mono fully-differential audio amplifier,
capable of delivering 1.25W of continuous average power to an 8-Ω
BTL load with less than 1% distortion from a 5V power supply.
The UTC PA6203 is ideal for PDA/smart phone applications due to
features such as -85-dB supply voltage rejection from 90Hz to 5kHz,
improved RF rectification immunity and a fast start-up with minimal pop.
The device operates from 2.5V to 5.5V, drawing only 1.7mA of
quiescent supply current.
FEATURES
* 1.25W into 8Ω from a 5-V supply at THD=1% (Typ.)
* 2.5V-5.5V operation
* Low supply current: 1.7mA typ at 5V
* Shutdown Control<10µA
* Only five external components
- Improved PSRR (90dB) for direct battery operation
- Fully differential design reduces RF rectification
- Improved CMRR eliminates two input coupling capacitors
- C(BYPASS) is optional due to fully differential design and high PSRR
APPLICATIONS
* Designed for wireless or cellular handsets and PDAs
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
PA6203L-SH2-T
PA6203G-SH2-T
HSOP-8
Tube
PA6203L-SH2-R
PA6203G-SH2-R
HSOP-8
Tape Reel
PA6203L-SH2-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) SH2: HSOP-8
(3) L: Lead Free, G: Halogen Free
(3)Halogen Free


Similar Part No. - PA6203L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6203L-SH2-R UTC-PA6203L-SH2-R Datasheet
189Kb / 6P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - PA6203L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
1.25-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com