Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # SA555L-S08-R
Description  PRECISION TIMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SA555L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  SA555L-S08-R Datasheet HTML 1Page - Unisonic Technologies SA555L-S08-R Datasheet HTML 2Page - Unisonic Technologies SA555L-S08-R Datasheet HTML 3Page - Unisonic Technologies SA555L-S08-R Datasheet HTML 4Page - Unisonic Technologies SA555L-S08-R Datasheet HTML 5Page - Unisonic Technologies SA555L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SA555
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R106-005.a
TYPICAL APPLICATION CIRCUIT
DISCH
GND
TRIG
THRES
VCC
CONT
RESET
OUT
VCC
(5V~15V)
5
8
3
RL
Output
RA
4
7
6
2
Input
1
Figure 1. Circuit for Monostable Operation
DISCH
Figure 2. Circuit for Astable Operation
TRIG
THRES
VCC
CONT
RESET
OUT
3
Output
1
RL
VCC
(5V~15V)
RA
RB
C
58
4
7
6
2
0.01µF
Open
(see Note 1)
Note 1. Decoupling CONT voltage to ground with a capacitor can improve
GND
operation. This should be evaluated for individual applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com