Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB302 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SSB302
Description  ZCB snubber
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SSB302 Datasheet(HTML) 1 Page - Unisonic Technologies

  SSB302 Datasheet HTML 1Page - Unisonic Technologies SSB302 Datasheet HTML 2Page - Unisonic Technologies SSB302 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SSB302
Preliminary
ZCB snubber
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R225-004.a
ZCB snubber
DESCRIPTION
The UTC SSB302 is a ZCB snubbers.
FEATURES
* Collector-base voltage: V(BR)CB=700V
* Collector current: IC=1.5A
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SSB302L-T9B-B
SSB302G-T9B-B
TO-92B
C
B
Tape Box
SSB302L-T9B-K
SSB302G-T9B-K
TO-92B
C
B
Bulk
Note: Pin assignment: C: Collector
B: Base


Similar Part No. - SSB302

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SSB302G-T9B-B UTC-SSB302G-T9B-B Datasheet
161Kb / 3P
ZCB snubber
SSB302G-T9B-K UTC-SSB302G-T9B-K Datasheet
161Kb / 3P
ZCB snubber
SSB302L-T9B-B UTC-SSB302L-T9B-B Datasheet
161Kb / 3P
ZCB snubber
SSB302L-T9B-K UTC-SSB302L-T9B-K Datasheet
161Kb / 3P
ZCB snubber
SSB302 UTC-SSB302_15 Datasheet
161Kb / 3P
ZCB snubber
More results

Similar Description - SSB302

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFV OKAYA-AFV Datasheet
333Kb / 1P
SNUBBER CAPACITOR
CF99MPP474 OKAYA-CF99MPP474 Datasheet
309Kb / 1P
SNUBBER CAPACITOR
logo
Electronic Film Capacit...
M1206 EFC-M1206 Datasheet
45Kb / 5P
POLYPROPYLENE SNUBBER
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
POLYPROPYLENE SNUBBER
logo
Unisonic Technologies
SSB303 UTC-SSB303 Datasheet
142Kb / 3P
ZCB snubber
logo
Okaya Electric America,...
CF99MPP474 OKAYA-CF99MPP474_14 Datasheet
309Kb / 1P
SNUBBER CAPACTOR
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
SNUBBER CAPACITOR
logo
Unisonic Technologies
SSB302 UTC-SSB302_15 Datasheet
161Kb / 3P
ZCB snubber
SSB303 UTC-SSB303_15 Datasheet
161Kb / 3P
ZCB snubber
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
Snubber Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com