Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # SA555G-S08-R
Description  PRECISION TIMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SA555G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  SA555G-S08-R Datasheet HTML 1Page - Unisonic Technologies SA555G-S08-R Datasheet HTML 2Page - Unisonic Technologies SA555G-S08-R Datasheet HTML 3Page - Unisonic Technologies SA555G-S08-R Datasheet HTML 4Page - Unisonic Technologies SA555G-S08-R Datasheet HTML 5Page - Unisonic Technologies SA555G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA555
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R106-005.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
ICC
Output Low,
No Load
VCC=15V
10
15
mA
VCC=5V
3
6
mA
Output High,
No Load
VCC=15V
9
13
mA
VCC=5V
2
5
mA
Note: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 2. For
example, when VCC=5V, the maximum value is R=RA+RB≠3.4MΩ, and for VCC=15V, the maximum value is
10MΩ.
OPERATING CHARACTERISTICS VCC=5V~15V, TA=25°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
(Note 1)
MIN
TYP
MAX
UNIT
Initial Error of
Timing Interval
(Note 2)
Each Timer, Monostable
(Note 3)
TA=25°C
1
3
%
Each Timer, Astable
(Note 4)
2.25
%
Temperature
Coefficient of
Timing Interval
Each Timer, Monostable
(Note 3)
TA=MIN~MAX
50
ppm/°C
Each Timer, Astable
(Note 4)
150
ppm/°C
Supply-Voltage
Sensitivity of
Timing Interval
Each Timer, Monostable
(Note 3)
TA=25°C
0.1
0.5
%/V
Each Timer, Astable
(Note 4)
0.3
%/V
Output-Pulse Rise Time
TR
CL=15pF, TA=25°C
100
300
ns
Output-Pulse Fall Time
TF
CL=15pF, TA=25°C
100
300
ns
Notes: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating
conditions.
2. Timing interval error is defined as the difference between the measured value and the average value of a
random sample from each process run.
3. Values specified are for a device in a monostable circuit similar to Figure 1, with the following component
values: RA=2kΩ~100kΩ, C=0.1µF.
4. Values specified are for a device in an astable circuit similar to Figure 2, with the following component
values: RA=1kΩ~100kΩ, C=0.1µF.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com