Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4082BL-S28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U4082BL-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BL-S28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U4082BL-S28-R Datasheet HTML 1Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 2Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 3Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 4Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 5Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 6Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 7Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 8Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R108-020.A
VOICE SWITCHED
SPEAKER-PHONE CIRCUIT
DESCRIPTION
As a voice switched speaker-phone integrated circuit, the UTC
U4082B
includes the necessary amplifiers, attenuators, level
detectors and control algorithm.
To form the UTC U4082B’s internal circuit, there is an internal
microphone amplifier with adjustable gain and mute control, internal
transmit and Receive attenuators (operate in a complementary
manner), level detectors at both input and output of both attenuators,
and background noise monitors for both the transmit and receive
channels.
The dial tone can be pretended from being attenuated by the
receive background noise monitor circuit by a dial tone detector.
There are also two line driver amplifiers which can be used to form a
hybrid network in conjunction with an external coupling transformer. A
high-pass filter can be used for other filtering functions, and especially
to filter out 60Hz noise in the receive channel.
The UTC U4082B which requiring typically 5mA may be operated
from a power supply, or it can be powered from the telephone line.
FEATURES
* Attenuator gain range: 52dB (between Transmit and Receive)
* For line-powered applications : 3~6.5V low voltage operation
* For improved sensitivity :4-point signal sensing
* For Transmit and Receive paths: background noise monitors
* External resistors set microphone amplifier gain
* Mute function included
* Chip disable: active or standby operation
* During dial tone presence: dial tone detector to inhibit receive idle
mode
DIP-28
SOP-28
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
U4082BL-D28-T
U4082BG-D28-T
DIP-28
Tube
U4082BL-S28-T
U4082BG-S28-T
SOP-28
Tube
U4082BL-S28-R
U4082BG-S28-R
SOP-28
Tape Reel


Similar Part No. - U4082BL-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U4082BL-S28-R UTC-U4082BL-S28-R Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - U4082BL-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Unisonic Technologies
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118 UTC-MC34118_15 Datasheet
355Kb / 15P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com