Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCM101L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCM101L-AF5-R
Description  BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCM101L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCM101L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UCM101L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UCM101
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-933.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Voltage on VS- and VS+
-0.6~20
V
Voltage on all Other Pins
-0.6~(VS+ or VS-)+0.6
V
Vsense [(VS+) - (VS-)]
+/-6
V
Package Power Dissipation
at TA=25°C
(De-rate to zero at 150°C)
PD
300
mW
Operating Temperature
TA
-40~125
°C
Storage Temperature
TSTG
-55~150
°C
Maximum Junction Temperature
TJ
150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATIONG CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Common-Mode Sense Input Range
VS±
2.7~20
V
Current Direction Flag Output
Flag
0~VS±
V
Differential Sense Input Voltage Range
VSENSE
0~±0.8
V
Output Voltage Range
VOUT
0~VS±-1.5
V
Ambient Temperature Range
TA
-40~125
°C
ELECTRICAL CHARACTERISTICS (Test conditions T
A=25°C, VS+=10V, VSENSE=100mV)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ground Pin Current
IQ
15
35
50
µA
VS+ Input Current
IS+
VSENSE=0V
10
17
24
µA
VS- Input Current
IS-
VSENSE=0V
10
17
24
µA
Output Voltage
VOUT
VSENSE=+150mV
1.55
1.5
1.45
V
Flag High
VSENSE=+100mV
1.02
1
0.98
V
VSENSE=+30mV
309
300
291
mV
VSENSE=0V
0
15
mV
Flag Low
VSENSE=-30mV
285
300
315
mV
VSENSE=-100mV
0.95
1
1.05
V
VSENSE=-150mV
1.42
1.50
1.58
V
VOUT Variation with Temperature
VOUT TC
VSENSE=±100mV
30
ppm/ºC
VOUT/VSENSE
Gain
10
Total Output Error (Gain + Offset)
Accuracy
VSENSE=100mV
±2
%
VSENSE=-100mV
±5
%
Bandwidth
BW
VSENSE(DC)=100mV
VSENSE(AC)=63mVPP
300
kHz
VS+ Common Mode Rejection Ratio
CMRR
VIN=2.7~20V
60
dB
Flag Trip Point
Flag TP
Referred to VSENSE
-2.5
+2.5
mV
Flag Low Output Voltage
VFL
ISINK=100µA
60
200
mV
Flag High Leakage Current
IFH
VOH=5V
1
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com