Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESD4C05RG-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UESD4C05RG-AG6-R
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UESD4C05RG-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UESD4C05RG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UESD4C05RG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UESD4C05RG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UESD4C05RG-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UESD4C05R
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R215-009.a
ABSOLUTE MAXIMUM RATING (Over operating free-air temperature range, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VCC
-0.3~+6.0
V
IO Signal Voltage Range
VIO
0~VCC
V
EC 61000-4-2 Contact Discharge
±8.0
kV
IEC 61000-4-2 Air-Gap Discharge
±9.0
kV
Peak Pulse Power
25
W
Peak Pulse Current
2.5
A
Storage Temperature Range
TSTG
-50~125
°C
Characterized Free-Air Operating Temperature
Range
TA
-40~85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Standoff Voltage
VRWM
Any IO Pin to Ground
5.5
V
Breakdown Voltage
VBR
IIO=1mA
Any IO Pin to
Ground
9.0
V
IO Port Current
IIO
VCC=5.0V, VIO=3.3V Any IO Pin
0.01
0.1
µA
Current from IO Port to Supply Pins
IOFF
VCC=5.0V, VIO=3.3V Any IO Pin
0.01
0.1
µA
Diode Forward Voltage
VD
IIO=8mA
Lower Clamp Diode 0.60 0.80 0.95
V
Dynamic Resistance
RDYN
I=1A
Any IO Pin
1.1
IO Capacitance
CIO
VCC=5.0V,VIO=2.5V Any IO Pin
0.8
pF
Operating Supply Current
ICC
VCC=5.0V,VIO=Open,VCC Pin
0.1
1.0
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com