Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8105G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH8105G-AE3-R
Description  Hall Effect Micro Switch IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8105G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH8105G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8105G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8105G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8105G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UH8105G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH8105
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-874.d
Hall Effect Micro Switch IC
DESCRIPTION
The UH8105 is a low power, pole independent Hall-effect switch
with a latched digital output driver. It can work in 2.5 volt supply.
Either a north or south pole of sufficient flux will turn the output on;
in the absence of a magnetic field, the output is off.
When a magnetic field enters the hall element and exceeds the
operate point BOPS(or less than BOPN) the output turns on (output is
low). When the magnetic field is below the release point BRPS (or
above BRPN), the output turns off (output is high).
FEATURES
*Micropower operation
*2.5V to 5.0V battery operation
*Offset Canceling Technology
*Independent of North or South Pole Magnet,
*Superior temperature stability
*Extremely Low Switch-Point Drift
APPLICATIONS
*Micro Switch
*Handheld Wireless Application Wake Up Switch
*Clamp Shell Type Application Switch
*Magnet Switch in Low Duty Cycle Applications
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UH8105L-AE3-R
UH8105G-AE3-R
SOT-23
O
I
G
Tape Reel
UH8105L-G03-B
UH8105G-G03-B
SIP-3
I
G
O
Tape Box
UH8105L-G03-K
UH8105G-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment :
O: Output,
I: VDD,
G: GND
MARKING


Similar Part No. - UH8105G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105G-AE3-R UTC-UH8105G-AE3-R Datasheet
127Kb / 5P
Hall Effect Micro Switch IC
UH8105G-AE3-R UTC-UH8105G-AE3-R Datasheet
138Kb / 5P
HALL EFFECT MICRO SWITCH IC
More results

Similar Description - UH8105G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
Hall Effect Micro Switch IC
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
Hall Effect Micro Switch IC
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
Hall Effect Micro Switch IC
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com