Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL497G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UL497G-S16-R
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UL497G-S16-R Datasheet HTML 1Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 2Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 3Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 4Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 5Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 6Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 7Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R118-015.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
D.C. Supply Current
I3
200
mA
Transient Supply Current
tf fall time constant=100ms
800
mA
Supply Voltage
V3
Internal Limited to Vz3
RPM Voltage
V6
28
V
D.C. Driver Collector Current
I16
300
mA
Pulse
(t ≤ 3ms)
600
mA
Driver Collector Voltage
V16
28
V
Auxiliary Zener Current
I7
40
mA
D.C. Overvoltage Zener
Current
Pulse tfall=300μs
I15
15
mA
trep Repetition Time≥3ms
35
mA
Reverse Battery Voltage if Application Circuit
VR
-16
V
Power Dissipation
TC=90°C
PD
1.2
W
Junction Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note)
θJA
50 (MAX)
°C/W
Note: Thermal resistance junction Ambient with the device soldered on the middle of an Ambient supporting
substrate measuring 15x20; 0.65mm thickness.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com