Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM609L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM609L-S08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM609L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM609L-S08-R Datasheet HTML 1Page - Unisonic Technologies UM609L-S08-R Datasheet HTML 2Page - Unisonic Technologies UM609L-S08-R Datasheet HTML 3Page - Unisonic Technologies UM609L-S08-R Datasheet HTML 4Page - Unisonic Technologies UM609L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UM609
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R105-047.a
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VCC=+5V, TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Input Offset Current
II(OFF) TA=25°C
2
30
nA
Input Bias Current
II(BIAS) TA=25°C
20
150
nA
Input Voltage Range
VI
VCC=0~36V
0
VCC-1.5
V
Common
Mode
Rejection
Ratio
CMRR TA=25°C, VCM=0~3.5V
70
85
dB
Large Signal Voltage Gain
AVD
VCC=15V, RL=2kΩ, VO=1.4~11.4V
85
100
dB
Power Supply Rejection Ratio
PSRR VCC=5~30V
70
90
dΒ
Output Current
Source
ISOURCE VCC=15V, VID=1V, VO=2V
20
40
mA
Sink
ISINK
VCC=15V, VID=-1V, VO=2V
7
20
mA
Output Voltage Swing (High)
VOH
VCC=30V, RL=10kΩ, VID=1V
27
28
V
Output Voltage Swing (Low)
VOL
VCC=30V, RL=10kΩ, VID=-1V
17
100
mV
Slew Rate
SR
VCC=18V, RL=2kΩ, AV=1,
VIN=0.5~ 2V, CL=100pF
0.2
0.5
V/μs
Unity Gain Bandwidth
GBP
VCC=30V, RL=2kΩ, CL=100pF
0.7
1.0
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com