Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOTG-96 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MOTG-96
Description  Modules On The Go Series
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOTG-96 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MOTG-96 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 9Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 10Page - List of Unclassifed Manufacturers MOTG-96 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
MOTG-96
Data Sheet
3.
Software Interface
The MOTG-96 display module is a slave peripheral device and it provides bidirectional communications to a
host controller via its SPI interface. All communications between the host and the device occur over this SPI
interface. The protocol is simple and easy to implement.
Note:ThehostmustinitialiseitsSPIportasthemasterandmustmeettheMOTGSPIspecifications
outlined in the previous section.
3.1 Command Protocol – Flow Control
The MOTG modules are slave devices and all communication and events must be initiated by the host. Each
command is made up of a sequence of data bytes. When a command is sent to the device and the
operation is completed, it will always return a response. For a command that has no specific response the
device will send back a single acknowledge byte called the ACK (06hex), in the case of success, or NAK
(15hex), in the case of failure.
Commands having specific responses may send back varying numbers of bytes, depending upon the
command and response. It will take the device a certain amount of time to respond, depending on the
command type and the operation that has to be performed. If the MOTG device receives a command that it
does not understand it will reply back with a negative acknowledge called the NAK (15hex). Since a
command is only identified by its position in the sequence of data bytes sending incorrect data can result in
wildly incorrect operation.
© 2011 4D Systems
www.4dsystems.com.au
Page 7 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com