Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114TK Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTC114TK
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TK Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTC114TK Datasheet HTML 3Page - NXP Semiconductors PDTC114TK Datasheet HTML 4Page - NXP Semiconductors PDTC114TK Datasheet HTML 5Page - NXP Semiconductors PDTC114TK Datasheet HTML 6Page - NXP Semiconductors PDTC114TK Datasheet HTML 7Page - NXP Semiconductors PDTC114TK Datasheet HTML 8Page - NXP Semiconductors PDTC114TK Datasheet HTML 9Page - NXP Semiconductors PDTC114TK Datasheet HTML 10Page - NXP Semiconductors PDTC114TK Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PDTC114T_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 9 February 2006
8 of 11
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice Doc. number
Supersedes
PDTC114T_SER_8
20060209
Product data sheet
-
-
PDTC114T_SER_7
Modifications:
• The format of this data sheet has been redesigned to comply with the new presentation and
information standard of Philips Semiconductors.
• Type number PDTC114TEF removed
• Table 1 “Product overview”: EIAJ in table header amended to JEITA
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Figure 1, 2, 7 and 8: added
• Figure 3, 4, 5, 6, 9 and 10: superseded by minimized package outline drawings
• Section 9 “Packing information”: added
• Section 14 “Trademarks”: added
PDTC114T_SER_7
20041011
Product
specification
-
9397 750 14186 PDTC114T_SERIES_6
PDTC114T_SERIES_6 20040817
Product
specification
-
9397 750 13664 PDTC114T_SERIES_5
PDTC114T_SERIES_5 20040119
Product
specification
-
9397 750 11731 PDTC114T_SERIES_4
PDTC114T_SERIES_4 20030414
Product
specification
-
9397 750 11011 PDTC114TE_2
PDTC114TK_2
PDTC114TS_2
PDTC114TT_3
PDTC114TU_3
PDTC114TU_3
19990416
Preliminary
specification
-
9397 750 05599 PDTC114TU_2
PDTC114TU_2
19980519
Preliminary
specification
-
9397 750 03908 PDTC114TU_1
PDTC114TU_1
19970716
Preliminary
specification
-
9397 750 01149 -
PDTC114TT_3
19990416
Objective
specification
-
9397 750 05598 PDTC114TT_2
PDTC114TT_2
19980519
Objective
specification
-
9397 750 03912 PDTC114TT_1
PDTC114TT_1
19970714
Objective
specification
-
9397 750 01371 -
PDTC114TS_2
19980518
Product
specification
-
9397 750 03891 PDTC114TS_1
PDTC114TS_1
19970703
Product
specification
-
9397 750 02297 -
PDTC114TK_2
19980519
Product
specification
-
9397 750 03899 PDTC114TK_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com