Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PEMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PEMD3 Datasheet HTML 4Page - NXP Semiconductors PEMD3 Datasheet HTML 5Page - NXP Semiconductors PEMD3 Datasheet HTML 6Page - NXP Semiconductors PEMD3 Datasheet HTML 7Page - NXP Semiconductors PEMD3 Datasheet HTML 8Page - NXP Semiconductors PEMD3 Datasheet HTML 9Page - NXP Semiconductors PEMD3 Datasheet HTML 10Page - NXP Semiconductors PEMD3 Datasheet HTML 11Page - NXP Semiconductors PEMD3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PEMD3_PIMD3_PUMD3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 11 — 25 September 2013
8 of 18
NXP Semiconductors
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors
VCE =5V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
IC/IB =20
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
Fig 5.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 6.
TR1 (NPN): Collector-emitter saturation
voltage as a function of collector current;
typical values
VCE =0.3 V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
VCE =5V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
Fig 7.
TR1 (NPN): On-state input voltage as a
function of collector current; typical values
Fig 8.
TR1 (NPN): Off-state input voltage as a
function of collector current; typical values
IC (mA)
10-1
102
10
1
006aac768
102
10
103
hFE
1
(1)
(2)
(3)
IC (mA)
1102
10
006aac769
10-1
1
VCEsat
(V)
10-2
(1)
(2)
(3)
006aac770
IC (mA)
10-1
102
10
1
1
10
VI(on)
(V)
10-1
(1)
(2)
(3)
IC (mA)
10-1
10
1
006aac771
1
10
VI(off)
(V)
10-1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com