Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMD3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PIMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMD3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PIMD3 Datasheet HTML 3Page - NXP Semiconductors PIMD3 Datasheet HTML 4Page - NXP Semiconductors PIMD3 Datasheet HTML 5Page - NXP Semiconductors PIMD3 Datasheet HTML 6Page - NXP Semiconductors PIMD3 Datasheet HTML 7Page - NXP Semiconductors PIMD3 Datasheet HTML 8Page - NXP Semiconductors PIMD3 Datasheet HTML 9Page - NXP Semiconductors PIMD3 Datasheet HTML 10Page - NXP Semiconductors PIMD3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PEMD3_PIMD3_PUMD3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 11 — 25 September 2013
7 of 18
NXP Semiconductors
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors
7.
Characteristics
[1]
Characteristics of built-in transistor.
Table 8.
Characteristics
Tamb = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity
ICBO
collector-base
cut-off current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB = 0 A
--1
A
VCE =30V; IB =0A;
Tj = 150 C
--5
A
IEBO
emitter-base
cut-off current
VEB =5V; IC = 0 A
-
-
400
A
hFE
DC current gain
VCE =5V; IC =5mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input
voltage
VCE =5V; IC =100 A-
1.1
0.8
V
VI(on)
on-state input
voltage
VCE = 0.3 V; IC =10mA
2.5
1.8
-
V
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance VCB =10V; IE =ie =0A;
f= 1MHz
TR1 (NPN)
-
-
2.5
pF
TR2 (PNP)
-
-
3
pF
fT
transition frequency
VCB =5V; IC =10 mA;
f = 100 MHz
[1]
TR1 (NPN)
-
230
-
MHz
TR2 (PNP)
-
180
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com