Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A115D Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # A115D
Description  FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

A115D Datasheet(HTML) 1 Page - Digitron Semiconductors

  A115D Datasheet HTML 1Page - Digitron Semiconductors A115D Datasheet HTML 2Page - Digitron Semiconductors A115D Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
A115A-A115M
FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS (for single phase, 60Hz, half-wave resistive or inductive load (1))
Parameter
Symbol
A115F
A115A
A115B
A115C
A115D
A115E
A115M
Units
Maximum peak repetitive reverse
voltage
VRRM
50
100
200
300
400
500
600
V
Maximum RMS input voltage
VRMS
35
70
140
210
280
350
420
V
Maximum DC reverse voltage
VR(DC)
50
100
200
300
400
500
600
V
Maximum average forward output
current L = 0.375”, TA = -55°C
IO
3
A
Maximum peak surge current
(8.3ms half sine wave, superimposed on rated load)
IFSM
100
A
Operating junction and storage
temperature range
TJ, Tstg
-65° to 175
°C
(1) For capacitive load derate current by 20%.
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Limits
Parameter
Symbol
Min
Typ
Max
Units
Maximum instantaneous forward voltage drop @ 3A
VF
-
-
1.3
V
Maximum full load reverse current
@ average full cycle, L = 0.375”, TA = 25°C
@ average full cycle, L = 0.375”, TA = 150°C
IR
-
-
-
-
2
100
µA
Maximum DC reverse current at maximum DC blocking voltage
IR
-
-
5
µA
Maximum reverse recovery time
@ IF = 0.5A, IR = 1A, IRR = 0.25A
trr
-
-
150(2)
µs
Typical junction capacitance
@ frequency = 1MHz and applied reverse voltage = 4V
CJ
-
40
-
pF
(2) 250ns for A115M.
MECHANICAL CHARACTERISTICS
Case:
SOD-64
Marking:
Body painted, alpha-numeric
Polarity:
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121211


Similar Part No. - A115D

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
A115D NJSEMI-A115D Datasheet
86Kb / 1P
Fast Recovery Rectifier
A115D NJSEMI-A115D Datasheet
123Kb / 2P
Glass Passlvatftd Junction
More results

Similar Description - A115D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com