Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207G Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # FR207G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

FR207G Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  FR207G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech FR207G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
FR201G THRU FR207G
CHENYI ELECTRONICS
FAST RECOVERY GLASS PASSIVATED RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0Amperes
FEATURES
. Fast switching
. Low leakage
. Low forward voltage drop
. High current capability
. Glass passivated junction
. High switching capability
MECHANICAL DATA
. Case: JEDEC DO-15 molded plastic body
. Terminals: Plated axial leads,solderable per MIL-STD-750,method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
. Weight: 0.064 ounce, 0.39 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
FR
201G
FR
202G
FR
203G
FR
204G
FR
205G
FR
206G
FR
207G
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=55
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 2.0 A
VF
Volts
Maximum DC Rreverse Current
at rated DC blocking voltage
Maximum full load reverse current full cycle average.
0.375"(9.5mm) lead length at TL=55
Maximum reverse recovery time(Note 1)
Trr
250
ns
Typical junction Capacitance(Note 2)
CJ
pF
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
IR
5.0
100
150
500
35
A
Operating and storage temperature range
TJ TSTG
-65 to +150
1.3
I(AV)
2.0
Amp
IFSM
60
Amps
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - FR207G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
EIC discrete Semiconduc...
FR207G EIC-FR207G Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
More results

Similar Description - FR207G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com