Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2C Datasheet(PDF) 1 Page - Sanken electric

Part # RO2C
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RO2C Datasheet(HTML) 1 Page - Sanken electric

  RO2C Datasheet HTML 1Page - Sanken electric RO2C Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
189
Diodes
●Surface-Mount
4-1 Rectifier Diodes
●Thru-Hole
IF (AV)
(A)
1.0
3.0
1.0
1.0
1.0
1.0
1.2
1.2
1.5
3.0
10
1.0
1.0
1.0
1.0
1.2
1.2
1.2
1.2
3.0
10
1.0
1.0
1.0
1.0
1.2
1.2
1.2
1.2
3.0
3.2
10
0.8
1.0
1.2
1.2
1.2
1.2
1.2
0.8
1.0
1.2
1.2
1.2
3.0
IFSM
(A)
50Hz
Single Half Sine Wave
45
200
35
45
45
50
80
100
120
200
100
35
45
45
50
80
80
100
150
200
100
35
45
45
50
80
100
100
150
200
350
100
40
35
80
80
100
100
150
40
35
80
100
100
150
VRM
(V)
100
200
400
600
800
1000
Tj
Tstg
(°C)
(°C)
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
VF
(V)
max
0.97
0.95
0.98
0.97
0.97
0.95
0.92
0.91
0.91
0.95
1.1
0.98
0.97
0.97
0.95
0.92
0.92
0.91
0.91
0.95
1.1
0.98
0.97
0.97
0.95
0.92
0.92
0.91
0.91
0.95
0.92
1.1
1.2
1.05
0.92
0.92
0.92
0.91
0.91
1.2
1.05
0.92
0.92
0.91
0.97
IF
(A)
1.0
3.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
3.0
5.0
1.0
1.0
1.0
1.0
1.2
1.5
1.5
1.5
3.0
5.0
1.0
1.0
1.0
1.0
1.2
1.5
1.5
1.5
3.0
3.5
5.0
1.0
1.0
1.2
1.5
1.5
1.5
1.5
1.0
1.0
1.5
1.5
1.5
3.0
IR
(µA)
VR=VRM
max
10
10
10
10
10
5.0
10
10
10
10
10
10
10
10
5.0
10
10
10
10
10
10
10
10
10
5.0
10
10
10
10
10
10
10
5.0
20
10
10
10
10
10
5.0
20
10
10
10
10
IR(H)
(µA)
VR=VRM
max
500
50
50
50
500
50
50
50
50
50
100
50
50
500
50
500
50
50
50
50
100
50
50
500
50
50
50
50
50
50
50
100
50
200
500
50
50
50
50
100
200
50
50
50
50
Tj
(°C)
150
150
100(Ta)
100
150
100
100(Ta)
100
100(Ta)
100(Ta)
150
100(Ta)
100(Ta)
150
100(Ta)
150
100(Ta)
100
100
150
150
100(Ta)
100(Ta)
150
100
100
100
100
100
150
100
150
100(Ta)
150
150
100(Ta)
100(Ta)
100
100(Ta)
100(Ta)
150
100(Ta)
100
100
100
Rth(j-l)
Rth(j-c)
(°C/W)
17
8.0
22
20
17
15
12
12
15
8.0
4.0
22
20
17
15
17
12
12
15
8.0
4.0
22
20
17
15
17
15
12
15
8.0
8.0
4.0
15
17
17
12
15
12
15
15
17
12
15
12
8.0
Mass
(g)
0.3
1.2
0.13
0.2
0.3
0.4
0.61
0.6
0.4
1.2
2.1
0.13
0.2
0.3
0.4
0.3
0.61
0.6
0.4
1.2
2.1
0.13
0.2
0.3
0.4
0.3
0.4
0.6
0.4
1.2
1.2
2.1
0.4
0.3
0.3
0.61
0.4
0.6
0.4
0.4
0.3
0.61
0.4
0.6
1.2
Package
Axial
(Body Diameter/Lead Diameter)
Axial(φ2.7/φ0.78)
Axial(φ6.5/φ1.4)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ6.5/φ1.4)
TO-220F(Center-tap)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ6.5/φ1.4)
TO-220F(Center-tap)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ6.5/φ1.4)
Axial(φ6.5/φ1.4)
TO-220F(Center-tap)
Axial(φ4.0/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ6.5/φ1.4)
Part Number
EM 1Y
RM 4Y
AM01Z
EM01Z
EM 1Z
RM 1Z
RO 2Z
RM 2Z
RM 10Z
RM 4Z
FMM-22S, R
AM01
EM01
EM 1
RM 1
EM 2
RO 2
RM 2
RM 10
RM 4
FMM-24S, R
AM01A
EM01A
EM 1A
RM 1A
EM 2A
RM 11A
RM 2A
RM 10A
RM 4A
RM 4AM
FMM-26S, R
RM 1B
EM 1B
EM 2B
RO 2B
RM 11B
RM 2B
RM 10B
RM 1C
EM 1C
RO 2C
RM 11C
RM 2C
RM 4C
Values in parentheses
are for the products
with heatsinks
IF (AV)
(A)
2.0
IFSM
(A)
50Hz
Single Half Sine Wave
45
VRM
(V)
400
Tj
Tstg
(°C)
(°C)
-40 to +150
VF
(V)
max
1.1
IF
(A)
2.0
IR
(µA)
VR=VRM
max
10
IR(H)
(µA)
VR=VRM
max
50
Tj
(°C)
150
Rth(j-l)
Rth(j-c)
(°C/W)
20
Mass
(g)
0.072
Package
Surface-Mount (SJP)
Part Number
SJPM-H4
Values in parentheses
are for the products
with heatsinks


Similar Part No. - RO2C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RO2C SANKEN-RO2C Datasheet
20Kb / 1P
Rectifier Diodes
logo
List of Unclassifed Man...
RO2C ETC-RO2C Datasheet
70Kb / 2P
Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RO2C TAYCHIPST-RO2C Datasheet
832Kb / 1P
Rectifier Diodes
More results

Similar Description - RO2C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com