Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

HER201 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  HER201 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech HER201 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
HER201 THRU HER208
CHENYI ELECTRONICS
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0Amperes
FEATURES
. Plastic package has Underwrites Laboratory
Flammability Classification 94V-0
. Low forward voltage drop
. High current capability
. High reliability
. Low power loss,high effciency
. High surge current capability
. High speed seitching
. Low leakage
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body
. Epoxy: UL94V-0 rate flame retardant
. Lead: plated axial leads, solderable per MIL-STD-750, method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
. Weight: 0.014 ounce, 0.39 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=50
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 2.0 A
VF
Volts
Maximum full load reverse current full cycle
average. 0.375"(9.5mm)lead length at
TL=55
Maximum reverse recovery time(Note 1)
Trr
ns
Typical junction Capacitance(Note 2)
CJ
pF
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
I(AV)
2.0
Amp
IFSM
60.0
Amps
1.0
1.3
1.7
Maximum DC Rreverse Current at rated DC
IR
5.0
A
blocking voltage
100
50
70
30
20
Operating and storage temperature range
TJ
TSTG
-65 to +150
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com