Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC32L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AC32L-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC32L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AC32L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AC32L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AC32L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AC32L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AC32L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AC32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-988.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified) (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Voltage
VIN
-0.5~Vcc+0.5
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current (VI<0 or VI>VCC )
IIK
±20
mA
Output Clamp Current (VO<0 or VO>VCC)
IOK
±20
mA
Output Current(VO=0 to VCC)
IOUT
±50
mA
Continuous current through VCC or GND
ICC
±200
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are
observed.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
6
V
Input Voltage
VIN
0
Vcc
V
Output Voltage
VOUT
0
Vcc
V
Operating free-air temperature
TA
-40
85
°C
Input Transition Rise or Fall Rate
∆t/∆v
8
ns/V
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
HIGH-level input voltage
VIH
VCC=3V
2.1
V
VCC=4.5V
3.15
VCC=5.5V
3.85
LOW-lever output voltage
VIL
VCC=3V
0.9
V
VCC=4.5V
1.35
VCC=5.5V
1.65
High-Level Output Voltage
VOH
VCC=3V, IOH=-50μA
2.9
V
VCC=4.5V, IOH=-50μA
4.4
VCC=5.5V, IOH=-50μA
5.4
VCC=3V, IOH=-12mA
2.56
VCC=4.5V, IOH=-24mA
3.86
VCC=5.5V, IOH=-24mA
4.86
Low-Level Output Voltage
VOL
VCC=3V, IOH=50μA
0.002 0.1
V
VCC=4.5V, IOH=50μA
0.001 0.1
VCC=5.5V, IOH=50μA
0.001 0.1
VCC=3V, IOH=12mA
0.36
VCC=4.5V, IOH=24mA
0.36
VCC=5.5V, IOH=24mA
0.36
Input Leakage Current
II
VI=VCC or GND, VCC=5.5V
±0.1
μA
Quiescent Supply Current
ICC
VI=GND or VCC, IO=0, VCC=5.5V
2
μA
Input Capacitance
CI
VI=VCC or GND, VCC=5V
2.6
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com