Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASLDA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASLDA
Description  Lock Kit for Cla mp Cover Junction Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASLDA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASLDA Datasheet HTML 1Page - List of Unclassifed Manufacturers ASLDA Datasheet HTML 2Page - List of Unclassifed Manufacturers ASLDA Datasheet HTML 3Page - List of Unclassifed Manufacturers ASLDA Datasheet HTML 4Page - List of Unclassifed Manufacturers ASLDA Datasheet HTML 5Page - List of Unclassifed Manufacturers ASLDA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Spec-00479 G
3
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
EQUIPMENT PROTECTION SOLUTIONS
Locks, Lockouts, LAtches, hAndLes And cLAmps Latches
Latches
t-hAndLe LAtch And keyed cyLinder Lock kits
To install, simply remove the
standard slotted latch and insert
the kit. Complete installation
instructions are furnished. Catalog
number AL7A includes a Type L7 T
handle and all hardware. Catalog
number AL12AR includes a Type L12
cylinder lock, cam and all hardware.
Latch and lock fit Type 1 enclosures
and hinged-cover pull boxes.
Bulletin: A80
Catalog Number
Description
AL7A
T handle latch kit
AL12AR
Cylinder lock kit
LAtch kit for one-door type 12 encLosures
Designed for field installation on most standard one-door Type
12 enclosures. These latch kits will not fit Hoffman disconnect,
CONCEPT™ or PROLINE™ enclosures. Each kit includes a handle,
latch, latch rods, adjustable rod guides and all hardware. The latch
rods can be adjusted to maintain the proper gasket compression by
relocating the pins in the rod guides. When the pin is removed, the
latch rod can also be removed. These kits are available with a key
locking handle, a non-locking handle or a padlocking handle. All
openings through the door are gasketed to assure a complete seal.
Ends of latch rods have rollers for easier door closing.
Bulletin: A80
Catalog
Number
Handle
Type
Opens
Description
AL36A
Padlock Either Clockwise or
Counterclockwise
1-point Latch kit
AL2A
Keylock Clockwise
1-point Latch kit
AL2ACCW
Keylock Counterclockwise
1-point Latch kit
AL3A
Non-
Locking
Clockwise
1-point Latch kit
AL36BR
Padlock Either Clockwise or
Counterclockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL2BR
Keylock Clockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL2BCCW
Keylock Counterclockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL3BR
Non-
Locking
Clockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL36CR
Padlock Either Clockwise or
Counterclockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL2CR
Keylock Clockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL2CCCW
Keylock Counterclockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL3CR
Non-
Locking
Clockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL36DR
Padlock Either Clockwise or
Counterclockwise
3-point Latch kit where A is 60 or 72 in.
AL2DR
Keylock Clockwise
3-point Latch kit where A is 60 or 72 in.
AL2DCCW
Keylock Counterclockwise
3-point Latch kit where A is 60 or 72 in.
AL3DR
Non-
Locking
Clockwise
3-point Latch kit where A is 60 or 72 in.
See price list for factory installation charges. A is enclosure height.
LAtch kits for type 4 And 12 encLosures
Fits Type 4 and 12 enclosures which have external screw clamps.
Requires only a quarter-turn (90 degrees) to open or close. An
internal O-ring and external gasket assure a water-tight and dust-
tight seal. Installation requires a hole punched or drilled in the
door for each latch. Complete instructions are furnished. A square
or triangular key is required for tamper-resistant latches. Latch is
die-cast zinc with chrome finish.
Bulletin: A80
Catalog Number
Description
AL31
Slotted insert
AL32
7-mm square insert
AL32Y
Key for AL32
AL35
7-mm triangle insert
AL35Y
Key for AL 35
toggLe LAtch for type 4 And 4x fLoor-mount And free-stAnd encLosures
Provides quick access to Type
4 and 4X floor-mount and free-
stand enclosures with clamps. The
3/8-16 threaded, stainless steel
toggle latches replace the standard
stainless steel bolts. Operation of
the toggle releases the door clamp
so the door can be opened without
tools. Two Type 316 stainless steel
toggle assemblies included.
Bulletin: A80
Catalog Number
Description
AFT44XSS
2 toggle latches



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com