Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED24V15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LED24V15
Description  PANELITE Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED24V15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LED24V15 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED24V15 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED24V15 Datasheet HTML 3Page - List of Unclassifed Manufacturers LED24V15 Datasheet HTML 4Page - List of Unclassifed Manufacturers LED24V15 Datasheet HTML 5Page - List of Unclassifed Manufacturers LED24V15 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
3
PaNElitE™ PowEr corDs
•
Connects light to standard North
American wall socket
•
LF120VCORD is for 120 VAC
Fluorescent lights (up to five
lights can be daisy chained
together using one power cord)
•
LED24VCORD is for 24 VDC LED
lights and includes a transformer
to convert 100-240 VAC power
supply (capable of powering only
one LED light)
•
Plugs directly into a connection
socket on switch end of the light
•
Includes one cable
Power cord not required. Terminal
blocks are provided with each light for
wired connection to electric supply.
Bulletin: A80lt
Catalog Number
Description
Length
LF120VCORD
Fluorescent Light Power Cord
72 in.
LED24VCORD
LED Light Power Cord
60 in.
PaNElitE™ PowEr cablE with lEaDs
•
72-in. power cord provides
convenient connection to an
electrical supply
•
Eliminates need to run and tag
individual wires into the light
•
Compatible with PANELITE™
LED and Fluorescent lights
•
Plugs directly into connection
socket on switch end of the light
•
Includes one 16 AWG cable, black
Power Cable not required. Terminal
blocks are provided with each light for
wired connection to electric supply.
Bulletin: A80lt
Catalog Number
Length
LPC72
72 in.
PaNElitE™ gaNgiNg cablEs
•
Ganging Cables provide
convenient method for joining
up to five lights together while
utilizing one power supply
•
Available in 24-, 48- and 72-in.
lengths
•
Plugs directly into connection
socket on either end of the light
•
Compatible with PANELITE™
LED and Fluorescent lights
•
Includes one 16 AWG cable, black
Ganging Cables not required. Terminal
blocks are provided with each light for
hard-wired connections.
Bulletin: A80lt
Catalog Number
Length
LGCABLE24
24 in.
LGCABLE48
48 in.
LGCABLE72
72 in.
PaNElitE™ Door switch cablE
•
Easily connects PANELITE™ LED
or Fluorescent Light to a Remote
Door Switch
•
T-connector allows the Door
Switch Cable to be connected with
a ganging cable or power supply
to the switch end of the light
•
Available in 18- and 72-in. lengths
•
Includes one 18 AWG cable, black
Door Switch Cables not required.
Terminal blocks are provided with
each light for hard-wired connection to
remote door switch.
Bulletin: A80lt
Catalog Number
Length
LDSWITCH18
18 in.
LDSWITCH72
72 in.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com