Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC2G32L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC2G32L-P08-R
Description  DUAL 2-INPUT OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC2G32L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC2G32L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC2G32L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC2G32L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC2G32L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC2G32L-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC2G32
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A56.A
DUAL 2-INPUT OR GATE
DESCRIPTION
The U74AHC2G32 is a high speed Si-gate CMOS device.
The U74AHC2G32 provides two 2-input OR gates.
TSSOP-8
FEATURES
* Symmetrical output impedance
* High noise immunity
* Low power dissipation
* Balanced propagation delays
* Multiple package options
* Specified from -40 °C to +125 °C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC2G32L-P08-T
U74AHC2G32G-P08-T
TSSOP-8
Tube
U74AHC2G32L-P08-R
U74AHC2G32G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - U74AHC2G32L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC2G32G-P08-R UTC-U74AHC2G32G-P08-R Datasheet
205Kb / 5P
DUAL 2-INPUT OR GATE
U74AHC2G32 UTC-U74AHC2G32_15 Datasheet
205Kb / 5P
DUAL 2-INPUT OR GATE
More results

Similar Description - U74AHC2G32L-P08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
DUAL 2-INPUT OR GATE
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com