Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G04L-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC3G04L-SM1-R
Description  INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G04L-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC3G04L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G04L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G04L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G04L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G04L-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC3G04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-544.a
ELECTRICAL CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
VCC(V) MIN TYP MAX UNIT
High-Level input voltage
VIH
2.0
1.5
V
3.0
2.1
5.5
3.85
Low-Level input voltage
VIL
2.0
0.5
V
3.0
0.9
5.5
1.65
High-Level Output Voltage
VOH
VI = VIH or VIL, IOH = -50μA
2.0
1.9 2.0
V
VI = VIH or VIL, IOH = -50μA
3.0
2.9 3.0
VI = VIH or VIL, IOH = -50μA
4.5
4.4 4.5
VI = VIH or VIL, IOH = -4.0mA
3.0
2.58
VI = VIH or VIL, IOH = -8.0mA
4.5
3.94
Low-Level Output Voltage
VOL
VI = VIH or VIL, IOH = 50μA
2.0
0.1
V
VI = VIH or VIL, IOH = 50μA
3.0
0.1
VI = VIH or VIL, IOH = 50μA
4.5
0.1
VI = VIH or VIL, IOH = 4.0mA
3.0
0.36
VI = VIH or VIL, IOH = 8.0mA
4.5
0.36
Input Leakage Current
II(LEAK)
VIN=VCC or GND
5.5
0.1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND, IOUT=0
5.5
10
μA
Input Capacitance
CIN
VIN=VCC or GND
1.5 10
pF
SWITCHING CHARACTERISTICS (tR = tF ≤ 3.0 ns, TA=25℃ )
PARAMETER
SYMBOL
CL (pF)
VCC (V)
MIN
TYP
MAX UNIT
Propagation delay from input (A) to output(Y)
tPLH
tPHL
15
3.0 to 3.6
7.1
ns
3.3
4.3
4.5 to 5.5
5.5
5
3.1
50
3.0 to 3.6
10.6
ns
3.3
6.1
4.5 to 5.5
7.5
5
4.5
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com