Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC06L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC06L-S14-R
Description  INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC06L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC06L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC06L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC06L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC06L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC06L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-649.A
STATIC CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC =2.0V
0.1
VCC =3.0V
0.1
IOL=50μA
VCC =4.5V
0.1
IOL =4 mA
VCC =3.0V
0.36
Low-Level Output Voltage
VOL
IOL =8mA
VCC =4.5V
0.36
V
Input Leakage Current
II(LEAK) VIN=5.5V or GND,VCC =0V to 5.5V
0.1
μA
3-state Output OFF-state Current
IOZ
VIN=VIH or VIL,VOUT=VCC or GND,VCC =5.5V
±0.25
μA
Quiescent Supply Current
ICC
VIN=VCC or GND,IOUT=0,VCC =5.5V
2
μA
Input Capacitance
CIN
1.5
10
pF
SWITCHING CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
CL=15 pF
3.7
7.0
tPZL
VCC =3.3±0.3 V
CL=50 pF
5.2
10.0
CL=15 pF
4.8
6.4
Propagation Delay, From Input(A)
To Output(Y)
tPLZ
VCC =3.3±0.3 V
CL=50 pF
6.9
10.0
ns
CL=15 pF
2.7
4.9
tPZL
VCC =5±0.5 V
CL=50 pF
3.8
7.0
CL=15 pF
3.0
4.1
Propagation Delay, From Input(A)
To Output(Y)
tPLZ
VCC =5±0.5 V
CL=50 pF
4.3
6.5
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com