Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC08L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC08L-P14-R
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC08L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC08L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC08
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-213.C
QUADRUPLE 2-INPUT
POSITIVE-AND GATES
DESCRIPTION
The U74AHC08 is QUADRUPLE 2-INPUT POSITIVE-AND
GATES. Which provides the Function Y=A*B.
FEATURES
* Operation voltage range: 2~5.5V
* Max tPD of 7.9 ns at 5 V
* Low power consumption, ICC=2μA(Max)
* ±8mA output drive at 5 V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC08L-S14-R
U74AHC08G-S14-R
SOP-14
Tape Reel
U74AHC08L-P14-R
U74AHC08G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74AHC08L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC08G-P14-R UTC-U74AHC08G-P14-R Datasheet
160Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
U74AHC08G-S14-R UTC-U74AHC08G-S14-R Datasheet
160Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
U74AHC08 UTC-U74AHC08_15 Datasheet
160Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - U74AHC08L-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com