Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC17L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC17L-S14-R
Description  HEX SCHMITT-TRIGGER BUFFERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC17L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC17L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC17L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC17L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC17L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC17L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AHC17
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-407.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7
V
Input Voltage
VIN
-0.5 ~ +7
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Output Sink Current
IOUT
±25
mA
Input Clamp Current (VIN<0)
IIK
-20
mA
Output Clamp Current (VOUT<0 or VOUT> VCC)
IOK
±20
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
76
°С/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
2.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
VCC=2V
-50
μA
VCC=3.3V±0.3V
-4
mA
High-Level Input Current
IOH
VCC=5V±0.5V
-8
mA
VCC=2V
50
μA
VCC=3.3V±0.3V
4
mA
Low-Level Input Current
IOL
VCC=5V±0.5V
8
mA
Operating Temperature
TA
-40
+25
+85
°C
STATIC CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =3.0V
1.2
2.2
VCC =4.5V
1.75
3.15
Positive-Going Input Threshold
Voltage
VT+
VCC =5.5V
2.15
3.85
V
VCC =3.0V
0.9
1.9
VCC =4.5V
1.35
2.75
Negative-Going Input Threshold
Voltage
VT-
VCC =5.5V
1.65
3.35
V
VCC =3.0V
0.3
1.2
VCC =4.5V
0.4
1.4
Hysteresis(VT+-VT-)
ΔVT
VCC =5.5V
0.5
1.6
V
VCC =2.0V
1.9
VCC =3.0V
2.9
IOH=-50μA
VCC =4.5V
4.4
IOH =-4 mA
VCC =3.0V
2.58
High-Level Output Voltage
VOH
IOH =-8mA
VCC =4.5V
3.94
V
VCC =2.0V
0.1
VCC =3.0V
0.1
IOL=50μA
VCC =4.5V
0.1
IOL =4 mA
VCC =3.0V
0.36
Low-Level Output Voltage
VOL
IOL =8mA
VCC =4.5V
0.36
V
Input Leakage Current
II(LEAK)
VCC =0V to 5.5V,VIN=5.5V or GND
±0.1
μA
Quiescent Supply Current
IQ
VCC =5.5V,VIN=VCC or GND,
IOUT=0
2
μA
Input Capacitance
CIN
VIN=VCC or GND
2
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com