Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC86L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC86L-S14-R
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC86L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC86L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC86L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC86L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC86L-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC86
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-640.A
QUADRUPLE 2-INPUT
EXCLUSIVE-OR GATES
DESCRIPTION
The U74AHC86 device is quadruple 2-input EXCLUSIVE-OR gate
which perform the function Y=A
B
⊕
or
Y= A B+ A B .
FEATURES
* Operate from 2V to 5.5V
* Max tpd of 8.8ns at 5.0V
* Low Quiescent Current: ICC=2μA(Max) at TA=25℃
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHC86L-S14-R
U74AHC86G-S14-R
SOP-14
Tape Reel
U74AHC86L-S14-T
U74AHC86G-S14-T
SOP-14
Tube


Similar Part No. - U74AHC86L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC86G-P14-R UTC-U74AHC86G-P14-R Datasheet
227Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHC86G-S14-R UTC-U74AHC86G-S14-R Datasheet
227Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHC86 UTC-U74AHC86_15 Datasheet
227Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - U74AHC86L-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com