Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC125L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC125L-S14-R
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC125L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC125L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AHC125L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC125
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-650.A
QUADRUPLE BUS BUFFER
GATE WITH 3-STATE OUTPUTS
DESCRIPTION
The U74AHC125 is a quadruple bus buffer gate with 3-state
output. When OE is high, the Y output is in a high-impedance state.
When OE is low, the device passes non inverted data from the A
input to the Y output.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Wide supply voltage range from 2V to 5.5V
* Max tPD of 3.8ns from A to Y at 5V, CL=15pF
* Low Quiescent Current: ICC = 4 μA (Max.) at 5.5V
* ±8 mA Output Driver at 5V
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHC125L-S14-R
U74AHC125G-S14-R
SOP-14
Tape Reel
U74AHC125L-S14-T
U74AHC125G-S14-T
SOP-14
Tube


Similar Part No. - U74AHC125L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC125L-S14-R UTC-U74AHC125L-S14-R Datasheet
212Kb / 6P
QUADRUPLE BUS BUFFER GATES
More results

Similar Description - U74AHC125L-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com