Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC604 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # KBPC604
Description  SINGLE PHASE GLASS BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

KBPC604 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  KBPC604 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech KBPC604 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
KBPC6005 THRU KBPC610
CHENYI ELECTRONICS
SINGLE PHASE GLASS
BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:6.0A
FEATURES
Surge overload rating: 125A peak
High case dielectric strength
MECHANICAL DATA
. Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
. Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
. Polarity: Polarity symbol marked on body
. Mounting : Hole thru for #6 screw
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL KBPC6005 KBPC601 KBPC602 KBPC604 KBPC606 KBPC608 KBPC610
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
current at Ta=75
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 3.0A DC
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage Ta=100
Ir
A
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
200
-55 to +125
-55 to +150
6.0
125
1.0
10.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - KBPC604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC604 WTE-KBPC604 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC604 JGD-KBPC604 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC604 SEMTECH-KBPC604 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC604 SSE-KBPC604 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC604 DCCOM-KBPC604 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC604

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
2W005THRU2W10 CHENYI-2W005THRU2W10 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBP005 CHENYI-KBP005 Datasheet
134Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBPC1005 CHENYI-KBPC1005 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBU6A CHENYI-KBU6A Datasheet
153Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
New Jersey Semi-Conduct...
KBP005 NJSEMI-KBP005 Datasheet
81Kb / 1P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com