Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC245L-R20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC245L-R20-R
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC245L-R20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC245L-R20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC245L-R20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC245L-R20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC245L-R20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC245L-R20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC245
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-987.A
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74AHC245 octal bus transceivers is designed for
asynchronous two-way communication between data buses. The
control-function
implementation
minimizes
external
timing
requirements.
The device allows data transmission from the A bus to the B
bus or from the B bus to the A bus, depending on the logic level at
the direction-control (DIR) input. The output-enable ( OE ) input can
be used to disable the device so that the buses are effectively
isolated.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Operating range 2V to 5.5V VCC
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC245L-R20-T
U74AHC245G-R20-T
SSOP-20
Tube
U74AHC245L-R20-R
U74AHC245G-R20-R
SSOP-20
Tape Reel


Similar Part No. - U74AHC245L-R20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC245G-P20-R UTC-U74AHC245G-P20-R Datasheet
227Kb / 5P
OCTAL BUS TRANSCEIVERS
U74AHC245G-R20-R UTC-U74AHC245G-R20-R Datasheet
227Kb / 5P
OCTAL BUS TRANSCEIVERS
U74AHC245G-S20-R UTC-U74AHC245G-S20-R Datasheet
227Kb / 5P
OCTAL BUS TRANSCEIVERS
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
OCTAL BUS TRANSCEIVERS
More results

Similar Description - U74AHC245L-R20-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com